|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
" 3 ' '' =:315$8 + ,8& , 7 - 07 +,3 ' '' 0'+'6' ,8& , . > , , ) & , 1 '-', ) +0 * ) $ % (" %?() %) 6' 6'8$ $ % (" % @ 6' 6'8 7'0 * ,,% a 1 '-', $' : $ " ' ' 0+0+' , ,8/ ;/ ** * ! 7 , bc'1 '2='+ 1 ' ' ,,< .' , +,' 0 7 c'<' ..+ de?? $7..+,< '"f(/ <&f',- +, , ' <, 3' 0$ % (/%g % ? (" %?310' .6' 0h.+-,7+,8 i> .''3<0 i sd (,, a() ) ( $ +-,7 ah,8 8 + j s d g ) &' 3 ' '9, - ) +0 ) ) %)(" %a ? ? '9, - ) +0 $. << ) <' (" % 3 &' 3 ' : k ? ) %)(" %? ) 2$7'7 +,) +0 ) ) %) (" %a 0 1 '-', $' , 3 ) %)(" % a ) %)() %) ) %k)() %)($ % 2 3 ' 1 '-', /90 ) %) 2 3 ' 6' /90 ) %) @ $ +27'0 l " % @ 2 3 ' 7'0 ) % k) @ 2 &' b=++'b7'0 ) %)(310* , $' : &+8$ ) %) $ l " % $' :<<&+8$ k % 12 ? 1++$ % ?, 310 - +,( * <' . 90 , ' < , " .. ) %) :.. .1 ) % ) 6' $' <' . l m%=gn(310 g !" # $% / " ' +&' " , / " ' +3 ' " , " l " &' 3 ' /90'' s d g o"1?e, , , !"#! % 12 in the ass embly line "a" ass embled on ww 16, 1999 example: wi t h as s e mb l y t his is an irfr120 lot code 1234 year 9 = 199 9 dat e code we e k 1 6 part number logo international rectifier as s e mb l y lot code 916a irfu120 34 year 9 = 1999 dat e code or p = designates lead-free product (optional) note: "p" in assembly line position i ndicates "l ead- f r ee" 12 34 we e k 16 a = assembly site code part number irfu120 line a logo lot code as s e mb l y int ernat ional rectifier data and specifications subject to change without notice. $! % !!# % tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch |
Price & Availability of IRFU9120NPBF |